Part Number Hot Search : 
SD400 UTC78M09 AN2335 6EL1SCM 80C32E 2C150 BA6897S 25ETS08S
Product Description
Full Text Search
 

To Download 1N4618C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N4614-1THRU 1N4627-1 AVAILABLE IN JAN, PER MIL-PRF-19500/435 * LOW CURRENT OPERATION AT 250 A
JANTX, JANTXV AND JANS
1N4614 thru 1N4627 and 1N4614-1 thru 1N4627-1
* LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS * DOUBLE PLUG CONSTRUCTION * METALLURGICALLY BONDED
MAXIMUM RATINGS
Operating Temperature: -65C to +175C DC Power Dissipation: 500mW @ +50C Power Derating: 4 mW / C above +50C Forward Voltage @ 200 mA: 1.1 Volts maximum
* ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise speci1/2ed.
JEDEC TYPE NUMBER
NOMINAL ZENER VOLTAGE V @I Z ZT (Note 1) VOLTS
ZENER TEST CURRENT I ZT
MAXIMUM ZENER IMPEDANCE Z @I ZT ZT (Note 2)
MAXIMUM REVERSE LEAKAGE CURRENT 1 R @V R
MAXIMUM DC ZENER CURRENT lZM
MAXIMUM NOISE DENSITY ND
A
250 250 250 250 250 250 250 250 250 250 250 250 250 250
OHMS 1200 1250 1300 1400 1500 1600 1650 1700 1650 1600 1550 1500 1400 1200
A
7.5 5.0 4.0 2.0 1.0 0.8 7.5 7.5 5.0 4.0 10.0 10.0 10.0 10.0
VOLTS 1 1 1 1 1 1 1.5 2 2 2 3 3 4 5
mA 120 110 100 95 90 87 85 83 80 77 75 70 65 61
V/
1 1 1 1 1 1 1 1 1 1 1 2 4 5
Hz
1N4614 1N4615 1N4616 1N4617 1N4618 1N4619 1N4620 1N4621 1N4622 1N4623 1N4624 1N4625 1N4626 1N4627
1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: ANY.
* JEDEC Registered Data. NOTE 1 The JEDEC type numbers shown above have a Zener voltage tolerance of + 5% of the nominal Zener voltage. Vz is measured with the device junction in thermal equilibrium at an ambient themperature of 25C + 3C. A "C" suffix denotes a + 2% tolerance and a "D" suffix denotes a + 1% tolerance. Zener impedance is derived by superimposing on l ZT A 60Hz rms a.c. current equal to 10% of l ZT (25 A a.c.)
NOTE 2
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
45
thru 1N4627 INCLUDING -1 VERSIONS
400 0JL, Junction to Lead Thermal Resistance (C/W)
1N4614
300
200
100
0
0.2
0.4
0.6
0.8
1.0
L, lead Length to Heat Sink (iNCHES)
FIGURE 2
TYPICAL THERMAL RESISTANCE
1000
500 400 300 200 ZENER IMPEDANCE ZZT (OHMS) 100 50 40 30 20 10 5 4 3 2 1 .1 .2 .5 1 2 5 10 20 50 100 OPERATING CURRENT IZT (mA)
3.3 VOLT 5.1 VOLT
6.2 VOLT
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
46


▲Up To Search▲   

 
Price & Availability of 1N4618C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X